전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VIPER50A-22-E 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 VIPER50A-22-E
상세설명  ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A-22-E 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button VIPER50A-22-E Datasheet HTML 6Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 7Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 8Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 9Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 10Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 11Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 12Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 13Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
4 Typical Circuit
VIPer50A-E/ASP-E
10/31
4
Typical Circuit
Figure 3.
Offline Power Supply With Auxiliary Supply Feedback
Figure 4.
Offline Power Supply With Optocoupler Feedback
AC IN
+Vcc
GND
F1
BR1
D3
R9
C1
R7
C4
C2
TR2
R1
C3
D1
D2
C10
TR1
C9
C7
L2
R3
C6
C5
R2
VIPer50
-
+
13V
OSC
COMP SOURCE
DRAIN
VDD
FC00301
C11
FC 00091
AC IN
F1
BR1
D3
R9
C1
R7
C4
C2
TR2
R1
C3
D1
D2
C10
TR1
C9
C7
L2
+Vcc
GND
C8
C5
R2
U1
VIPer100
U2
R4
R5
ISO1
R6
R3
C6
-
+
13V
OSC
COMP
SOURCE
DRAIN
VDD
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com