전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1740300-2 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 1740300-2
상세설명  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1740300-2 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button 1740300-2 Datasheet HTML 35Page - STMicroelectronics 1740300-2 Datasheet HTML 36Page - STMicroelectronics 1740300-2 Datasheet HTML 37Page - STMicroelectronics 1740300-2 Datasheet HTML 38Page - STMicroelectronics 1740300-2 Datasheet HTML 39Page - STMicroelectronics 1740300-2 Datasheet HTML 40Page - STMicroelectronics 1740300-2 Datasheet HTML 41Page - STMicroelectronics 1740300-2 Datasheet HTML 42Page - STMicroelectronics 1740300-2 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
Assembly and Installation Guidelines (continued)
Application Examples
Storage
Tooling
See product specification
108-18701
Find available tools for the contact crimping on page 32 (please specify the required wire
gauge). An extraction tool (
part number 1102855-3) is needed to disassemble the connector
components. The tool is used to unlock the contact retention features, after which the
contact can be removed and re-used one time if necessary.
Fig. 7 : Serial (Wire Diagram)
Fig. 8 : Parallel (Wire Diagram)
Technical Description
Fig. 9
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44