| 전자부품 데이터시트 검색엔진 |
|
STM32L151CB 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 49/121 6.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 11: Voltage characteristics, Table 12: Current characteristics, and Table 13: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 11. Voltage characteristics Symbol Ratings Min Max Unit VDD–VSS External main supply voltage (including VDDA and VDD) (1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. –0.3 4.0 V VIN (2) 2. VIN maximum must always be respected. Refer to Table 12 for maximum allowed injected current values. Input voltage on five-volt tolerant pin VSS − 0.3 VDD+4.0 Input voltage on any other pin VSS − 0.3 4.0 | ΔVDDx| Variations between different VDD power pins 50 mV |VSSX − VSS| Variations between all different ground pins 50 VESD(HBM) Electrostatic discharge voltage (human body model) see Section 6.3.10 Table 12. Current characteristics Symbol Ratings Max. Unit IVDD Total current into VDD/VDDA power lines (source) (1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 80 mA IVSS Total current out of VSS ground lines (sink) (1) 80 IIO Output current sunk by any I/O and control pin 25 Output current sourced by any I/O and control pin - 25 IINJ(PIN) (2) 2. Negative injection disturbs the analog performance of the device. See note in Section 6.3.16. Injected current on five-volt tolerant I/O(3) 3. Positive current injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must never be exceeded. Refer to Table 11 for maximum allowed input voltage values. +0 /-5 Injected current on any other pin (4) 4. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer to Table 11: Voltage characteristics for the maximum allowed input voltage values. ± 5 ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(5) 5. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). ± 25 |