| 전자부품 데이터시트 검색엔진 |
|
STM32L151C6 데이터시트(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151C6 데이터시트(HTML) 73 Page - STMicroelectronics |
|
73 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 73/121 6.3.7 PLL characteristics The parameters given in Table 33 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 14. tSTAB(MSI) (2) MSI oscillator stabilization time MSI range 0 40 µs MSI range 1 20 MSI range 2 10 MSI range 3 4 MSI range 4 2.5 MSI range 5 2 MSI range 6, Voltage range 1 and 2 2 MSI range 3, Voltage range 3 3 fOVER(MSI) MSI oscillator frequency overshoot Any range to range 5 4 MHz Any range to range 6 6 1. This is a deviation for an individual part, once the initial frequency has been measured. 2. Based on characterization, not tested in production. Table 32. MSI oscillator characteristics (continued) Symbol Parameter Condition Typ Max Unit Table 33. PLL characteristics Symbol Parameter Value Unit Min Typ Max(1) 1. Based on characterization, not tested in production. fPLL_IN PLL input clock(2) 2. Take care of using the appropriate multiplier factors so as to have PLL input clock values compatible with the range defined by fPLL_OUT. 224 MHz PLL input clock duty cycle 45 55 % fPLL_OUT PLL output clock 2 32 MHz tLOCK Worst case PLL lock time PLL input = 2 MHz PLL VCO = 96 MHz 100 130 µs Jitter Cycle-to-cycle jitter ± 600 ps IDDA(PLL) Current consumption on VDDA 220 450 µA IDD(PLL) Current consumption on VDD 120 150 |