전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L152C8 데이터시트(PDF) 118 Page - STMicroelectronics

부품명 STM32L152C8
상세설명  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8 데이터시트(HTML) 118 Page - STMicroelectronics

Back Button STM32L152C8 Datasheet HTML 113Page - STMicroelectronics STM32L152C8 Datasheet HTML 114Page - STMicroelectronics STM32L152C8 Datasheet HTML 115Page - STMicroelectronics STM32L152C8 Datasheet HTML 116Page - STMicroelectronics STM32L152C8 Datasheet HTML 117Page - STMicroelectronics STM32L152C8 Datasheet HTML 118Page - STMicroelectronics STM32L152C8 Datasheet HTML 119Page - STMicroelectronics STM32L152C8 Datasheet HTML 120Page - STMicroelectronics STM32L152C8 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 121 page
background image
Revision history
STM32L151x6/8/B, STM32L152x6/8/B
118/121
Doc ID 17659 Rev 8
25-Feb-2011
4
cont’d
Updated Table 23: Typical and maximum current consumptions in
Standby mode on page 61 (IDD (WU from Standby) instead of (IDD (WU
from Stop).
Table 24: Typical and maximum timings in Low power modes on
page 62: updated condition for Wakeup from Stop mode, regulator in
Run mode; updated max values for Wakeup from Stop mode, regulator
in low power mode; updated max values for tWUSTDBY.
Table 25: Peripheral current consumption on page 63: updated values
for column Low power sleep and run; updated Flash values; renamed
ADC1 to ADC; updated IDD (LCD) value; updated units; added values for
IDD (RTC) and IDD (IWDG); updated footnote 1 and 3; added foot note 2
concerning ADC.
Table 26: High-speed external user clock characteristics on page 65:
added min value for tw(HSE)/tw(HSE) OSC_IN high or low time; added
max value for tr(HSE)/tf(HSE) OSC_IN rise or fall time; updated IL for typ
and max values.
Table 27: Low-speed external user clock characteristics on page 66:
updated max value for IL.
Table 28: HSE 1-24 MHz oscillator characteristics on page 68:
renamed i2 as IHSE and updated max value; updated max values for
IDD(HSE).
Table 29: LSE oscillator characteristics (fLSE = 32.768 kHz) on page 69:
updated max value for ILSE.
Table 30: HSI oscillator characteristics on page 71: updated some min
and max values for ACCHSI.
Table 32: MSI oscillator characteristics on page 72: updated parameter,
typ, and max values for DVOLT(MSI).
Table 35: Flash memory and data EEPROM characteristics on
page 74: updated typ values for tprog.
Table 44: I/O AC characteristics on page 81: updated some max values
for 01, 10, and 11; updated min value; updated footnotes.
Table 55: ADC accuracy on page 92: updated typ values and some of
the test conditions for ENOB, SINAD, SNR, and THD.
Table 57: DAC characteristics on page 96: updated footnote 7 and
added footnote 8.
Updated leakage value in Figure 26: Typical connection diagram using
the ADC.
Added Figure 27: Maximum dynamic current consumption on VREF+
supply pin during ADC conversion.
Added Table 56: RAIN max for fADC = 16 MHz on page 94
Figure 28: Power supply and reference decoupling (VREF+ not
connected to VDDA): replaced all 10 nF capacitors with 100 nF
capacitors.
Figure 29: Power supply and reference decoupling (VREF+ connected to
VDDA): replaced 10 nF capacitor with 100 nF capacitor.
Table 70.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com