| 전자부품 데이터시트 검색엔진 |
|
STM32L152C8 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152C8 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 51/121 6.3.2 Embedded reset and power control block characteristics The parameters given in the following table are derived from the tests performed under the ambient temperature condition summarized in Table 14. Table 15. Embedded reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit tVDD (1) VDD rise time rate BOR detector enabled 0 ∞ µs/V BOR detector disabled 0 1000 VDD fall time rate BOR detector enabled 20 ∞ BOR detector disabled 0 1000 TRSTTEMPO (1) Reset temporization VDD rising, BOR enabled 2 3.3 ms VDD rising, BOR disabled (2) 0.4 0.7 1.6 VPOR/PDR Power on/power down reset threshold Falling edge 1 1.5 1.65 V Rising edge 1.3 1.5 1.65 VBOR0 Brown-out reset threshold 0 Falling edge 1.67 1.7 1.74 Rising edge 1.69 1.76 1.8 VBOR1 Brown-out reset threshold 1 Falling edge 1.87 1.93 1.97 Rising edge 1.96 2.03 2.07 VBOR2 Brown-out reset threshold 2 Falling edge 2.22 2.30 2.35 Rising edge 2.31 2.41 2.44 VBOR3 Brown-out reset threshold 3 Falling edge 2.45 2.55 2.60 Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 Falling edge 2.68 2.8 2.85 Rising edge 2.78 2.9 2.95 VPVD0 Programmable voltage detector threshold 0 Falling edge 1.8 1.85 1.88 Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.20 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 |