| 전자부품 데이터시트 검색엔진 |
|
STM32F050C6T6A 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F050C6T6A 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 97 page ![]() STM32F050xx Electrical characteristics Doc ID 023683 Rev 1 39/97 6.3 Operating conditions 6.3.1 General operating conditions Table 15. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency 0 48 MHz fPCLK Internal APB clock frequency 0 48 VDD Standard operating voltage 2 3.6 V VDDA (1) Analog operating voltage (ADC not used) Must have a potential equal to or higher than VDD 23.6 V Analog operating voltage (ADC used) 2.4 3.6 VBAT Backup operating voltage 1.65 3.6 V VIN I/O input voltage TC I/O –0.3 VDD+0.3 V TTa I/O –0.3 VDDA+0.3 FT and FTf I/O(2) –0.3 5.5 BOOT0 0 5.5 P D Power dissipation at TA = 85 °C for suffix 6 or TA = 105 °C for suffix 7(3) LQFP48 - 364 mW UFQFPN32 - 526 UFQFPN28 - 169 TSSOP20 - 182 TA Ambient temperature for 6 suffix version Maximum power dissipation –40 85 °C Low power dissipation(4) –40 105 Ambient temperature for 7 suffix version Maximum power dissipation –40 105 °C Low power dissipation(4) –40 125 TJ Junction temperature range 6 suffix version –40 105 °C 7 suffix version –40 125 1. When the ADC is used, refer to Table 49: ADC characteristics. 2. To sustain a voltage higher than VDD+0.3 V, the internal pull-up/pull-down resistors must be disabled. 3. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 14: Thermal characteristics). 4. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Table 14: Thermal characteristics). |