전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSX562AIYST 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TSX562AIYST
상세설명  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX562AIYST 데이터시트(HTML) 3 Page - STMicroelectronics

  TSX562AIYST Datasheet HTML 1Page - STMicroelectronics TSX562AIYST Datasheet HTML 2Page - STMicroelectronics TSX562AIYST Datasheet HTML 3Page - STMicroelectronics TSX562AIYST Datasheet HTML 4Page - STMicroelectronics TSX562AIYST Datasheet HTML 5Page - STMicroelectronics TSX562AIYST Datasheet HTML 6Page - STMicroelectronics TSX562AIYST Datasheet HTML 7Page - STMicroelectronics TSX562AIYST Datasheet HTML 8Page - STMicroelectronics TSX562AIYST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DocID023274 Rev 3
3/27
TSX56x, TSX56xA
Pin connections
1
Pin connections
Figure 1. Pin connections for each package (top view)
DFN8 2x2 (TSX562)
MiniSO8 (TSX562)
TSSOP14 (TSX564)
QFN16 3x3 (TSX564)
Single
SOT23-5 (TSX561)
Dual
Quad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27