| 전자부품 데이터시트 검색엔진 |
|
SMM4F20A 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMM4F20A 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() December 2007 Rev 2 1/10 10 SMM4F High junction temperature Transil™ Features ■ Typical peak pulse power: – 400 W (10/1000 µs) – 2.4 kW (8/20 µs) ■ Stand off voltage range: from 5 V to 33 V ■ Unidirectional types ■ Low leakage current: – 0.2 µA at 25 °C – 1 µA at 85 °C ■ Operating Tj max: 175 °C ■ JEDEC registered package outline ■ RoHS package ■ Halogen free molding compound Complies with the following standards ■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge) ■ MIL STD 883G-Method 3015-7: class3 – 25 kV (human body model) Description The SMM4F Transil series has been designed to protect sensitive equipment against electro-static discharges according to IEC 61000-4-2, MIL STD 883 Method 3015, and electrical over stress such as IEC 61000-4-4 and 5. They are generally for surges below 400 W 10/1000 µs. This planar technology makes it compatible with high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time. Their low clamping voltages provide a better safety margin to protect sensitive circuits with extended life time expectancy. Packaged in STmite flat, this minimizes PCB space consumption (footprint in accordance with IPC 7531 standard). TM: Transil is a trademark of STMicroelectronics K A STmite flat (DO222-AA) www.st.com |
유사한 부품 번호 - SMM4F20A |
|
유사한 설명 - SMM4F20A |