전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6061T 데이터시트(PDF) 21 Page - Microchip Technology

부품명 MCP6061T
상세설명  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6061T 데이터시트(HTML) 21 Page - Microchip Technology

Back Button MCP6061T Datasheet HTML 17Page - Microchip Technology MCP6061T Datasheet HTML 18Page - Microchip Technology MCP6061T Datasheet HTML 19Page - Microchip Technology MCP6061T Datasheet HTML 20Page - Microchip Technology MCP6061T Datasheet HTML 21Page - Microchip Technology MCP6061T Datasheet HTML 22Page - Microchip Technology MCP6061T Datasheet HTML 23Page - Microchip Technology MCP6061T Datasheet HTML 24Page - Microchip Technology MCP6061T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 21
MCP6061/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead SOIC (150 mil)
(MCP6061, MCP6062)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6061E
SN^^ 1044
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
Example:
AHC
044
25
8-Lead 2x3 TDFN
(MCP6061, MCP6062)
XXX
YWW
NN
5-Lead SOT-23
(MCP6061)
XXNN
Example:
YG25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40