전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123X5YIP0F 데이터시트(PDF) 14 Page - Sharp Corporation

부품명 PC123X5YIP0F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123X5YIP0F 데이터시트(HTML) 14 Page - Sharp Corporation

Back Button PC123X5YIP0F Datasheet HTML 8Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 9Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 10Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 11Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 12Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 13Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 14Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 15Page - Sharp Corporation PC123X5YIP0F Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Sheet No.: D2-A09501EN
PC123XNNSZ0F Series
● Tape and Reel package
1. SMT Gullwing
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
F
K
E
I
D
J
G
Dimensions List
(Unit : mm)
A
16.0±0.3
B
7.5±0.1
C
1.75±0.10
D
8.0±0.1
E
2.0±0.1
H
10.4±0.1
I
0.40±0.05
J
4.2±0.1
K
5.1±0.1
F
4.0±0.1
G
φ1.5+0.1
−0.0
Reel structure and Dimensions
a
e
g
f
b
d
Dimensions List
(Unit : mm)
a
φ330
b
17.5±1.5
c
φ100±1
d
φ13.0±0.5
e
φ23±1
f
2.0±0.5
g
2.0±0.5
Direction of product insertion
Pull-out direction
[Packing : 2 000pcs/reel]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com