| 전자부품 데이터시트 검색엔진 |
|
OMAP3530ECBBA 데이터시트(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBA 데이터시트(HTML) 68 Page - Texas Instruments |
|
68 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 2-2. Ball Characteristics (CBC Pkg.) (continued) BALL BALL BUFFER PULLUP BALL BALL TOP PIN NAME RESET REL. MODE [4] TYPE [5] RESET RESET REL. POWER [9] HYS [10] STRENG TH /DOWN IO CELL [13] BOTTOM [1] [2] [3] MODE [8] STATE [6] STATE [7] (mA) [11] TYPE [12] gpio_150 4 IO hsusb3_tll_cl 5 O k safe_mode 7 - AC21, D15, NA vdd_core 0 PWR - - - - - - - - G11, G18, H20, M7, M17, R20, T7, Y8, Y12 D13, G9, NA vdd_mpu_iva 0 PWR - - - - - - - - G12, H7, K11, L9, M9, M10, N7, N8, P10, U7, U11, U13, V7, V11, W9, Y9, Y11 A18, AC7, NA vdds 0 PWR - - - - - - - - AC15, AC18, AC24, AD20, AE10, C11, D9, E24, G4, J15, J18, L7, L24, M4, T4, T24, W24, Y4, L20, AB24, AD18, AD19 U12 NA vdds_sram 0 PWR - - - - - - - - K13 NA vdds_dpll_dll 0 PWR - - - - - - - - U14 NA vdds_dpll_pe 0 PWR - - - - - - - - r W14 NA vdds_wkup_ 0 PWR - - - - - - - - bg N23, P23 NA vdds_mmc1, 0 PWR - - - - - - - - vdds_mmc1a V25 NA vdda_dac 0 PWR - - - - - - - - V24 NA vssa_dac 0 PWR - - - - - - - - A6, A8, A13, NA vss 0 GND - - - - - - - - AB5, AB22, AC10, AC16, AC19, AD14, AD25,AE7, AF23, B2, B25, C12, D7, D10, D12, D14, D18, D20, E22, G1, G8, G10, G20, G23, H4, K1, K15, K25, L10, L17, L19, L23, N4, N10, N17, R1, R4, R17, T23, U25, W1, W4, W23, Y7, Y10, Y16, Y26 K14, K20, NA cap_vdd_wk 0 PWR - - - - - - - - N9, AE19 up, cap_vdd_sra m_core, cap_vdd_sra m_mpu_iva, cap_vdd_d 68 TERMINAL DESCRIPTION Submit Documentation Feedback |