| 전자부품 데이터시트 검색엔진 |
|
OMAP3530ECBBA 데이터시트(PDF) 115 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBA 데이터시트(HTML) 115 Page - Texas Instruments |
|
115 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-25. Power Supplies Signals Description (continued) SIGNAL NAME DESCRIPTION BALL BOTTOM BALL TOP BALL BOTTOM BALL TOP BALL BOTTOM (CBB Pkg.) (CBB Pkg.) (CBC Pkg.) (CBC Pkg.) (CUS Pkg.) vss Ground AG2 / U2 / B2 / H2 / B18 / AC20 / G1/ K1/ R1/ W1/ B2/ C1/ F1/ H2/ M2/ R2/ W15/ V16/ V15/ AG3 / W3 / P3 / J3 / AB5 / AB14 / AB20 H4/ N4/ R4/ W4/ AB5/ Y6/AA7/ Y11/ AA16/ U16/ U15/ U14/ E3 / A3 / P4 / E4 / / P2 / F22 / E2 / A6/ D7/ Y7/AE7/ A8/ W20/P20/ L21/ H20/ U11/ U9/T16/ T15/ AG6 / D7 / C7 / V9 / C22 / B4 / B7 / B10 G8/ D10/ G10/ L10/ F20/ B14/A13/ A7 T14/ T13/ T12/ T11/ U9 / P9 / N9 / K9 / / B15 N10/ Y10/ AC10/ C12/ T10/ T9/ R15/ R14/ W10 / V10 / P10 / D12/A13/ D14/ AD14/ R11/ R10/ P17/ K10 / D10 / C10 / K15/ Y16/ L17/ N17/ P15/ P14/ P13/P12/ AF12 / AE12 / Y12 / R17/ D18/ D20/G20/ P11/ P10/ P8/ N16/ K12 / J12 / Y13 / E22/ AB22/ G23/ L23/ N15/ N14/ N13/ W13 / J13 / D13 / T23/ W23/ AF23/ B25/ N12/ N11/ N10/ N9/ C13 / W14 / K16 / K25/U25/ AD25 M16/ M13/ M11/ J16 / Y17 / W17 / M10/ M9/ L17/ L13/ K17 / J17 / W19 / L10/ L8/ K15/ K14/ V19 / R19 / P19 / K11/ K10/ J16/ J15/ L19 / K19 / D19 / J14/ J13/ J12/ C19 / AF20 / AE20 / J11/H16/ H14/ H11 T20 / R20 / M20 / L20 / D21 / C22 / AC25 / Y25 / W25 / AC26 / R26 / L26 / A26 / G27 / B27/ AA26/ M28/ AG16/ AH21 vdds_sram SRAM LDOs W16 NA U12 NA AA12 vdds_mmc1 MMC IO power K25 NA N23 NA N24 domain for CMD, CLK, and DAT(0..3) vdds_mmc1a Power supply for P25 NA P23 NA H8 MMC DAT [4..7] cap_vdd_sram_m SRAM LDO V4 NA N9 NA U8 pu_iva capacitance for VDDRAM1 cap_vdd_sram_co SRAM LDO L21 NA K20 NA H17 re capacitance for VDDRAM2 Submit Documentation Feedback TERMINAL DESCRIPTION 115 |