전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S103F3M3 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STM8S103F3M3
상세설명  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3M3 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STM8S103F3M3 Datasheet HTML 23Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 24Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 25Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 26Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 27Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 28Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 29Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 30Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 117 page
background image
Alternate function remapping
5.3
As shown in the rightmost column of the pin description table, some alternate functions can
be remapped at different I/O ports by programming one of eight AFR (alternate function
remap) option bits. When the remapping option is active, the default alternate function is no
longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO
section of the family reference manual, RM0016).
27/117
DocID15441 Rev 9
Pinout and pin description
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More