| 전자부품 데이터시트 검색엔진 |
|
STM32F051K4U6 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051K4U6 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 104 page ![]() Table 14. Alternate functions selected through GPIOA_AFR registers for port A Pin name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 PA0 USART2_CTS TIM2_CH1_ ETR TSC_G1_IO1 COMP1_OUT PA1 EVENTOUT USART2_RTS TIM2_CH2 TSC_G1_IO2 PA2 TIM15_CH1 USART2_TX TIM2_CH3 TSC_G1_IO3 COMP2_OUT PA3 TIM15_CH2 USART2_RX TIM2_CH4 TSC_G1_IO4 PA4 SPI1_NSS/ I2S1_WS USART2_CK TSC_G2_IO1 TIM14_CH1 PA5 SPI1_SCK/ I2S1_CK CEC TIM2_CH1_ ETR TSC_G2_IO2 PA6 SPI1_MISO/ I2S1_MCK TIM3_CH1 TIM1_BKIN TSC_G2_IO3 TIM16_CH1 EVENTOUT COMP1_OUT PA7 SPI1_MOSI/ I2S1_SD TIM3_CH2 TIM1_CH1N TSC_G2_IO4 TIM14_CH1 TIM17_CH1 EVENTOUT COMP2_OUT PA8 MCO USART1_CK TIM1_CH1 EVENTOUT PA9 TIM15_BKIN USART1_TX TIM1_CH2 TSC_G4_IO1 PA10 TIM17_BKIN USART1_RX TIM1_CH3 TSC_G4_IO2 PA11 EVENTOUT USART1_CTS TIM1_CH4 TSC_G4_IO3 COMP1_OUT PA12 EVENTOUT USART1_RTS TIM1_ETR TSC_G4_IO4 COMP2_OUT PA13 SWDAT IR_OUT PA14 SWCLK USART2_TX PA15 SPI1_NSS/ I2S1_WS USART2_RX TIM2_CH1_ ETR EVENTOUT |