| 전자부품 데이터시트 검색엔진 |
|
STM32F373VCT6 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373VCT6 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 128 page ![]() Table 13. Alternate functions for port PB Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF15 PB0 TIM3_CH3 TSC_ G3_IO3 SPI_MOSI/ I2S1_SD TIM3_ CH2 EVENTOUT PB1 TIM3_CH4 TSC_ G3_IO4 EVENTOUT PB2 EVENTOUT PB3 JTDO/ TRACESWO TIM2_ CH2 TIM4_ETR TSC_ G5_IO1 SPI1_SCK/ I2S1_CK SPI3_SCK/ I2S3_CK USART2_TX TIM13_ CH1 TIM3_ ETR EVENTOUT PB4 JTRST TIM16_ CH1 TIM3_CH1 TSC_ G5_IO2 SPI1_MISO /I2S1_MCK SPI3_MISO/ I2S3_MCK USART2_RX TIM15_ CH1N TIM17 _BKIN EVENTOUT PB5 TIM16_ BKIN TIM3_CH2 I2C1_ SMBA SPI1_MOSI /I2S1_SD SPI3_MOSI /I2S3_SD USART2_CK TIM17 _CH1 TIM19 _ETR EVENTOUT PB6 TIM16_ CH1N TIM4_CH1 TSC_ G5_IO3 I2C1_ SCL USART1_TX TIM15_ CH1 TIM3_ CH3 TIM19 _CH1 EVENTOUT PB7 TIM17_ CH1N TIM4_CH2 TSC_ G5_IO4 I2C1_ SDA USART1_RX TIM15_ CH2 TIM3_ CH4 TIM19 _CH2 EVENTOUT PB8 TIM16_ CH1 TIM4_CH3 TSC_ SYNC I2C1_ SCL SPI2_SCK/ I2S2_CK CEC USART3_TX COMP1 _OUT CAN_ RX TIM19 _CH3 EVENTOUT PB9 TIM17_ CH1 TIM4_CH4 I2C1_ SDA SPI2_NSS/ I2S2_WS IR-OUT USART3_RX COMP2 _OUT CAN_ TX TIM19 _CH4 EVENTOUT PB10 TIM2_ CH3 TSC_ SYNCH SPI2_SCK/ I2S2_CK CEC USART3_TX EVENTOUT PB14 TIM15_ CH1 TSC_ G6_IO1 SPI2_MISO /I2S2_MCK USART3_RTS TIM12_ CH1 EVENTOUT PB15 TIM15_ CH2 TIM15_ CH1N TSC_ G6_IO2 SPI2_MOSI /I2S2_SD TIM12_ CH2 EVENTOUT |