| 전자부품 데이터시트 검색엔진 |
|
STM32F372XX 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F372XX 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 128 page ![]() STM32F37x Memory mapping Doc ID 022691 Rev 3 49/128 APB1 0x4000 5800 - 0x4000 5BFF 1 KB I2C2 0x4000 5400 - 0x4000 57FF 1 KB I2C1 0x4000 4C00 - 0x4000 53FF 2KB Reserved 0x4000 4800 - 0x4000 4BFF 1 KB USART3 0x4000 4400 - 0x4000 47FF 1 KB USART2 0x4000 4000 - 0x4000 43FF 1KB Reserved 0x4000 3C00 - 0x4000 3FFF 1 KB SPI3/I2S3 0x4000 3800 - 0x4000 3BFF 1 KB SPI2/I2S2 0x4000 3400 - 0x4000 37FF 1KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1KB Reserved 0x4000 2000 - 0x4000 23FF 1 KB TIM14 0x4000 1C00 - 0x4000 1FFF 1 KB TIM13 0x4000 1800 - 0x4000 1BFF 1 KB TIM12 0x4000 1400 - 0x4000 17FF 1 KB TIM7 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0C00 - 0x4000 0FFF 1 KB TIM5 0x4000 0800 - 0x4000 0BFF 1 KB TIM4 0x4000 0400 - 0x4000 07FF 1 KB TIM3 0x4000 0000 - 0x4000 03FF 1 KB TIM2 Table 18. STM32F37x peripheral register boundary addresses (continued) Bus Boundary address Size Peripheral |