| 전자부품 데이터시트 검색엔진 |
|
STM32F373VB 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373VB 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 128 page ![]() Pinouts and pin description STM32F37x 34/128 Doc ID 022691 Rev 3 29 M3 20 14 PA4 I/O TTa SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, TIM3_CH2, TIM12_CH1, TSC_G2_IO1, ADC_IN4, DAC1_OUT1 30 K4 21 15 PA5 I/O TTa SPI1_SCK/I2S1_CK, CEC, TIM2_CH1_ETR, TIM14_CH1, TIM12_CH2, TSC_G2_IO2 ADC_IN5, DAC1_OUT2 31 L4 22 16 PA6 I/O TTa SPI1_MISO/I2S1_MCK, COMP1_OUT, TIM3_CH1, TIM13_CH1, TIM16_CH1, TSC_G2_IO3 ADC_IN6, DAC2_OUT1, 32 M4 23 PA7 I/O TTa (1) TSC_G2_IO4, TIM14_CH1, SPI1_MOSI/I2S1_SD, TIM17_CH1, TIM3_CH2, COMP2_OUT ADC_IN7 33 K5 24 PC4 I/O TTa (1) TIM13_CH1, TSC_G3_IO1, USART1_TX ADC_IN14 34 L5 25 PC5 I/O TTa (1) TSC_G3_IO2, USART1_RX ADC_IN15 35 M5 26 18 PB0 I/O TTa SPI1_MOSI/I2S1_SD, TIM3_CH3, TSC_G3_IO3, TIM3_CH2 ADC_IN8, SDADC1_AIN6P 36 M6 27 19 PB1 I/O TTa TIM3_CH4, TSC_G3_IO4 ADC_IN9, SDADC1_AIN5P, SDADC1_AIN6M 37 L6 28 20 PB2 I/O TC (2) SDADC1_AIN4P, SDADC2_AIN6P 38 M7 PE7 I/O TC (2) (1) SDADC1_AIN3P, SDADC1_AIN4M, SDADC2_AIN5P, SDADC2_AIN6M 39 L7 29 21 PE8 I/O TC (2) SDADC1_AIN8P, SDADC2_AIN8P 40 M8 30 22 PE9 I/O TC (2) SDADC1_AIN7P, SDADC1_AIN8M, SDADC2_AIN7P, SDADC2_AIN8M 41 L8 PE10 I/O TC (2) (1) SDADC1_AIN2P 42 M9 PE11 I/O TC (2) (1) SDADC1_AIN1P, SDADC1_AIN2M, SDADC2_AIN4P Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |