전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2951CSD-3.3/NOPB 데이터시트(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
부품명 LP2951CSD-3.3/NOPB
상세설명  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951CSD-3.3/NOPB 데이터시트(HTML) 25 Page - Texas Instruments

Back Button LP2951CSD-3.3/NOPB Datasheet HTML 21Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 22Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 23Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 24Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 25Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 26Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 27Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 28Page - Texas Instruments LP2951CSD-3.3/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-May-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2950ACZ-3.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950A
CZ3.0
LP2950ACZ-3.3/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950A
CZ3.3
LP2950ACZ-5.0/LFT1
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950A
CZ5.0
LP2950ACZ-5.0/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950A
CZ5.0
LP2950ACZ-5.0/LFT7
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950A
CZ5.0
LP2950ACZ-5.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950A
CZ5.0
LP2950CDT-3.0
ACTIVE
TO-252
NDP
3
75
TBD
Call TI
Call TI
-40 to 125
LP2950CDT-3.0/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.0
LP2950CDT-3.3
ACTIVE
TO-252
NDP
3
75
TBD
Call TI
Call TI
-40 to 125
LP2950
CDT-3.3
LP2950CDT-3.3/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.3
LP2950CDT-5.0/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-5.0
LP2950CDTX-3.0
ACTIVE
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LP2950CDTX-3.0/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.0
LP2950CDTX-3.3
ACTIVE
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LP2950CDTX-3.3/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.3
LP2950CDTX-5.0
ACTIVE
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LP2950
CDT-5.0
LP2950CDTX-5.0/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-5.0
LP2950CN
ACTIVE
PDIP
P
8
40
TBD
Call TI
Call TI
-40 to 125
LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43