| 전자부품 데이터시트 검색엔진 |
|
VMODCAM_RM 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VMODCAM_RM 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 6 page ![]() VmodCAM Reference Manual www.digilentinc.com page 6 of 6 Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners. Image Configuration Example The following commands can be inserted into the initialization sequence to configure the camera for 16-bit RGB565 output and 1600x1200 resolution in video capture mode. Note that most of these parameters are driver variables and can be accessed as described in the Control Interface section above. 1. V[0x2797] = 0x0030; Context B output format RGB565 2. V[0x2707] = 0x0640; Output width 1600 3. V[0x2709] = 0x04B0; Output height 1200 4. V[0x275F] = 0x0000; Crop X0 0 5. V[0x2763] = 0x0000; Crop Y0 0 6. V[0x2761] = 0x0640; Crop X1 1600 7. V[0x2765] = 0x04B0; Crop X1 1200 8. V[0x2741] = 0x0169; Auto exposure/gain fix 9. V[0xA120] = 0x00F2; Auto White Balance, Auto Exposure, Auto Histogram, Video On in Capture mode 10. V[0xA103] = 0x0002; Sequencer Refresh Mode 11. Read V[0xA103] until == 0x0000, meaning the command got executed. VHDCI Connector The VmodCAM should only be attached to the system board once the signals driven by the system board are defined. CAM1 refers to IC2, the camera on the lower part of the PCB. CAM2 refers to IC6, the camera on the upper part of the PCB. VHDCI CAM VHDCI CAM IO1-P CAM1_D3 IO1-N VDD-EN IO2-P CAM1_D4 IO2-N CAM1_D2 IO3-P CAM1_D5 IO3-N CAM1_RESET IO4-P CAM1_D6 IO4-N CAM1_MCLK IO5-P CAM1_D7 IO5-N CAM1_PWDN IO6-P CAM1_FV IO6-N CAM1_SCL IO7-P CAM1_LV IO7-N CAM1_SDA IO8-P CAM1_D0 IO8-N NC IO9-P CAM1_D1 IO9-N NC IO10-P CAM1_PCLK IO10-N NC IO11-P CAM2_PCLK IO11-N NC IO12-P CAM2_D2 IO12-N CAM2_PWDN IO13-P CAM2_D3 IO13-N CAM2_RESET IO14-P CAM2_D4 IO14-N CAM2_MCLK IO15-P CAM2_D5 IO15-N NC IO16-P CAM2_D6 IO16-N CAM2_SCL IO17-P CAM2_D7 IO17-N CAM2_SDA IO18-P CAM2_FV IO18-N NC IO19-P CAM2_LV IO19-N NC IO20-P CAM2_D0 IO20-N CAM2_D1 Table 3 VHDCI Connector Pin-Out Camera Output Camera Input |