전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDSM-443F 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HDSM-443F
상세설명  0.39??(10.0mm) Dual digit surface mount LED display
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-443F 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-443F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSM-443F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Pin Connection (Common Anode)
PIN No
Connection
1
CATHODE G
2
CATHODE DP
3
CATHODE A
4
CATHODE F
5
COMMON ANODE DIG2
6
CATHODE D
7
CATHODE E
8
CATHODE C
9
CATHODE B
10
COMMON ANODE DIG1
Internal Circuit Diagram (Common Anode)
A
B
C
D
E
F
GDP
DIG1 : 10
DIG2 : 5
3
98
6
7
4
1
2
A
B
C
D
E
F
GDP
Pin Connection (Common Cathode)
PIN No
Connection
1
ANODE G
2
ANODE DP2
3
ANODE A
4
ANODE F
5
COMMON CATHODE DIG2
6
ANODE D
7
ANODE E
8
ANODE C
9
ANODE B
10
COMMON CATHODE DIG 1
Internal Circuit Diagram (Common Cathode)
A
B
C
D
E
F
GDP
DIG1
10
DIG2
5
3
98
6
7
4
1
2
A
B
C
D
E
F
GDP
Absolute Maximum Ratings @ TA=25°
Parameter
Green/Yellow/Red/Orange
Unit
Power Dissipation Per Segment
65
mW
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
100
mA
Continuous Forward Current Per Segment
Derating Linear From 25°C Per Segment
25
mA
0.25
mA/ °C
Reverse Voltage Per Segment
5
V
Operating Temperature Range
-40°C to +105°C
Storage Temperature Range
-40°C to +105°C



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com