전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9825TR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L9825TR
상세설명  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825TR 데이터시트(HTML) 4 Page - STMicroelectronics

  L9825TR Datasheet HTML 1Page - STMicroelectronics L9825TR Datasheet HTML 2Page - STMicroelectronics L9825TR Datasheet HTML 3Page - STMicroelectronics L9825TR Datasheet HTML 4Page - STMicroelectronics L9825TR Datasheet HTML 5Page - STMicroelectronics L9825TR Datasheet HTML 6Page - STMicroelectronics L9825TR Datasheet HTML 7Page - STMicroelectronics L9825TR Datasheet HTML 8Page - STMicroelectronics L9825TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
L9825
4/11
ELECTRICAL CHARACTERISTCS
(4.5V
≤ VCC ≤ 5.5V; -40°C ≤ TJ ≤ 150°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply voltage
IccSTB
Standby current
without load
5
mA
IccOPM
Operating mode
IOUT1 ... 8 = 500mA
SPI - CLK = 3MHz
NCS = LOW
SDO no load
5mA
∆ICC
∆ICC during reverse output
current
Iout = -3A
100
mA
Inputs (NONx. NCS, CLK, SDI, nRes)
VINL
Low level
-0.3
0.2·VCC
V
VINH
High level
0.7·VCC
VCC+0.3
V
Vhyst
Hysteresis voltage
0.85
V
IIN
Input current
VIN = VCC
10
µA
RIN
Pullup resistance
50
250
k
Ω
CIN
Input capacitance
10
pF
Serial data outputs
VSDOH
High output level
ISDO = -4mA
VCC -0.4
V
VSDOL
Low output level
ISDO = 3,2mA
0.4
V
ISDOL
Tristate leakage current
NCS = high; 0V
≤ VSDO ≤ VCC
-10
10
µA
CSDO
Output capacitance
fSDO = 300kHz
10
pF
Outputs OUT 1 ... 8
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 25V; VCC =
5V
100
µA
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 16V; VCC =
5V
100
µA
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 16V; VCC =
1V
10
µA
Vclp
Output clamp voltage
1mA
≤ Iclp ≤ Ioutp; Itest = 10mA
with correlation
45
60
V
RDSon
On resistance OUT 1 ... 8
IOUT = 500mA; Tj = +150°C
1.5
W
COUT
Output capacitance
VOUT = 16V; f = 1MHz
300
pF
Outputs short circuit protection
ISBC
Overcurrent shutoff threshold
OUT1 ... OUT6
1.05
1.4
2.05
A
ILIM
Short circuit current limitation
OUT7; OUT8
1.05
1.4
1.75
A
tSCB
Delay shutdown
for output 1 ... 6; IOUT ≤ 1/2 ISBC
0.2
3
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11