전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP170AUJZ-1.5-R7 데이터시트(PDF) 16 Page - Analog Devices

부품명 ADP170AUJZ-1.5-R7
상세설명  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.5-R7 데이터시트(HTML) 16 Page - Analog Devices

Back Button ADP170AUJZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP170/ADP171
Rev. B | Page 16 of 20
J1
ANALOG DEVICES
ADP171-x.x-EVALZ
VIN
VOUT
GND
EN
GND
C1
C2
GND
GND
U1
R2
R1
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by
increasing the amount of copper attached to the pins of the
ADP170/ADP171. However, as can be seen from Table 6, a
point of diminishing returns is eventually reached, beyond
which an increase in the copper size does not yield significant
heat dissipation benefits.
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Use of 0402 or 0603 size capacitors and
resistors achieves the smallest possible footprint solution on
boards where area is limited.
J1
ANALOG DEVICES
ADP170-x.x-EVALZ
VIN
VO UT
GND
EN
GND
C1
C2
GND
GND
U1
Figure 41. Example ADP171 PCB Layout
Figure 40. Example ADP170 PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20