전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ROCHESTER5 데이터시트(PDF) 10 Page - Rochester Electronics

부품명 ROCHESTER5
상세설명  A Rochester Electronics White Paper
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCHESTER [Rochester Electronics]
홈페이지  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER5 데이터시트(HTML) 10 Page - Rochester Electronics

Back Button ROCHESTER5 Datasheet HTML 6Page - Rochester Electronics ROCHESTER5 Datasheet HTML 7Page - Rochester Electronics ROCHESTER5 Datasheet HTML 8Page - Rochester Electronics ROCHESTER5 Datasheet HTML 9Page - Rochester Electronics ROCHESTER5 Datasheet HTML 10Page - Rochester Electronics ROCHESTER5 Datasheet HTML 11Page - Rochester Electronics ROCHESTER5 Datasheet HTML 12Page - Rochester Electronics ROCHESTER5 Datasheet HTML 13Page - Rochester Electronics ROCHESTER5 Datasheet HTML 14Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
 
 
 
 
© 2011 Rochester Electronics, LLC
Page 10
September 2011
All Rights Reserved
 
• Electrical: To be of definitive value, electrical testing requires cooperation from the original
manufacturer. Independent test houses are usually not equipped with test protocol or equipment to test
devices to the specifications of the original manufacturer. DC electrical tests may be quick and cheap, but
they don’t adequately measure performance variations at extreme high and low temperatures. AC
electrical and functional tests are not sufficient to test such complex devices. In addition, electrical testing
may not detect damage caused by improper handling, shipping, and storage. And some electrical testing
may cause additional damage.
• Destructive Physical Analysis (DPA): Components can be taken apart and examined under various
scope instruments to establish condition and assess any internal damage. This process is expensive and,
of course, renders the inspected device unusable; therefore, only spot-checking is an option. In cases
where unauthorized distributors mix all acquisitions, including returns, in one storage “bin,” any
percentage of components could be counterfeit.
• Reliability testing: This testing is complex and expensive and requires expertise, equipment, and time.
Only highly experienced engineers know the type and level of testing to apply to a given part to ensure it
will perform properly in the application for which it is intended. This most often calls for the cooperation of
the original manufacturer, so that the parts can be tested using the same protocols and test equipment
that were used when the part was manufactured. In addition, reliability testing should not be considered
the same as quality testing. Reliability testing assesses the performance of a specified function of a
device under specified conditions over a specified period of time. This is a “long-term” view of a device’s
performance. Quality testing assesses the performance of a specified function of a device under specified
conditions when it is first used. This is a “snapshot” view of a device’s performance.
Industry and government must work together to counter the counterfeiters.
Because they are afraid of jeopardizing company credibility, both original semiconductor manufacturers and the
original equipment manufacturers who use semiconductors are often reluctant to admit to encounters with
counterfeit components, or to report these encounters to governmental agencies. Most are even reluctant to admit
that a problem exists. This lack of communication means that there are few successful prosecutions of counterfeit
criminals.
Counterfeiting will increase until the problem is exposed, information is shared, and manufacturers and
government agencies work together to find solutions. As more and more companies realize the seriousness of the
situation, they are beginning to share information and report incidents, but this cooperation must continue to
increase in order for the industry to remain one step ahead of the counterfeiters.
The United States agencies that deal with counterfeit products coming into the country include the Federal
Bureau of Investigation, the U.S. Immigration and Customs Enforcement (ICE), the U.S. Customs and Border
Protection (CBP), the Federal Aviation Administration (FAA), and the Department of Defense (DOD). These
agencies cannot do their jobs without cooperation and information from semiconductor manufacturers and
equipment manufacturers. If you have been involved in a suspected or confirmed counterfeit incident, you can
report to the following agencies:
Defense-related counterfeits:
Defense Criminal Investigative Service (DCIS)
(800-424-9098 — http://www.dodig.mil/hotline)
Aviation counterfeits:
Federal Aviation Administration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15