전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

82576EB 데이터시트(PDF) 30 Page - Intel Corporation

부품명 82576EB
상세설명  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB 데이터시트(HTML) 30 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation 82576EB Datasheet HTML 30Page - Intel Corporation 82576EB Datasheet HTML 31Page - Intel Corporation 82576EB Datasheet HTML 32Page - Intel Corporation 82576EB Datasheet HTML 33Page - Intel Corporation 82576EB Datasheet HTML 34Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Errata - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
30
1 will cause the packet to be dropped but for the wrong reason (late packet instead of
bad tagged).
Implication: These packets are not processed correctly and may cause statistic differences (when
compared to specification requirements).
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary
34. MACSec: SA Creation Doesn’t Clear Frame Verification Statistics
Problem:
SA (Secruity Association) creation doesn’t zero frame verification statistics. The creation
of the RX SA should reset the following statistics (per SA):
1.) InPktsOK (LSECRXOK 0x4360-0x4364)
2.) InPktsInvalid (LSECRXINV 0x4380-0x4384)
3.) InPktsNotValid(LSECRXNV 0x43A0-0x43A4)
4.) InPktsNotUsingSA(LSECRXNUSA 0x43C0)
5.) InPktsUnusedSA (LSECRXUNSA 0x43D0)
Implication: Statistics are not cleared out as expected by the specification.
Workaround: Read frame verification statistics before validating the SA (reading clears the statistics).
Status:
A1, A2 NoFix
▼ Return to Summary
35. MACSec: LSECRXNUSA and LSECRXUNSA Statistic Counters Not Provided
Problem:
InPktsNotUsingSA (LSECRXNUSA) and InPktsUnusedSA (LSECRXUNSA) should be defined
per SA. In this implementation, these are counted in one counter.
Implication: Statistics defined in the MACSec standard cannot be provided.
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary
36. MACSec: When MC Is MACSec owner, MAC Reset Still Clears Keys
Problem:
When MC is the owner of the MACSec and a MAC reset occurs, MACSec settings are lost.
A MAC reset (CTRL.RST) can clear out the MACSec - 82576 FW will give an indication to
MC [using the MACSec AEN (NC-SI) or in the MACSec Parameters and MACSec Status
Indication (SMBus)] when this occurs so the MC can reconfigure the keys.
Implication: MAC reset can clear the MACSec setting at anytime.
Workaround: MC must recognize the indication from the FW and reconfigure the keys when this
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34