| 전자부품 데이터시트 검색엔진 |
|
BA2115FVM 데이터시트(PDF) 39 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA2115FVM 데이터시트(HTML) 39 Page - Rohm |
|
39 / 49 page ![]() Technical Note 39/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data BA2115 family (*) The above data is ability value of sample, it is not guaranteed. BA2115 family -3 -2 -1 0 1 2 3 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] ±1.5V ±2.5V ±7.0V -3 -2.5 -2 -1.5 -1 -0.5 0 02 4 68 10 OUTPUT SINK CURRENT [mA] 0 200 400 600 800 1000 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] -6 -4 -2 0 2 4 6 ±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8 SUPPLY VOLTAGE [V] Input Offset Voltage - Supply Voltage (Vicm=0[V], Vout=0[V]) BA2115 family 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.4 0.8 1.2 1.6 2.0 OUTPUT SOURCE CURRENT [mA] BA2115FVM BA2115 family Derating Curve 0 1 2 3 4 5 6 7 0 5 10 15 SUPPLY VOLTAGE [V] BA2115 family Supply Current - Supply Voltage -40℃ 25℃ 85℃ 0 1 2 3 4 5 6 7 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] Supply Current - Ambient Temperature BA2115 family 3.0V 14.0V 5.0V -3 -2 -1 0 1 2 3 0.1 1 10 100 1000 10000 LOAD RESISTANCE [kΩ] VOH BA2115 family VOL -10 -8 -6 -4 -2 0 2 4 6 8 10 ±2 ±3 ±4 ±5 ±6 ±7 ±8 SUPPLY VOLTAGE [V] BA2115 family VOH VOL Input Offset Voltage - Ambient Temperature (Vicm=0[V], Vout=0[V]) Input Bias Current - Ambient Temperature (Vicm=0[V], Vout=0[V]) 0 50 100 150 200 250 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA2115 family ±1.5V ±2.5V ±7.0V Maximum Output Voltage - Output Sink Current (VCC/VEE=+2.5[V]/-2.5[V]) BA2115 family VOL VOH BA2115 family Maximum Output Voltage - Output Source Current (VCC/VEE=+2.5[V]/-2.5[V]) -12 -8 -4 0 4 8 12 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] BA2115 family VOH VOL Input Bias Current - Supply Voltage (Vicm=0[V], Vout=0[V]) BA2115 family 0 50 100 150 200 250 ±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ BA2115F Fig. 288 Fig. 289 Fig. 290 Fig. 291 Fig. 292 Fig. 293 Fig. 294 Fig. 295 Fig. 296 Fig. 297 Fig. 298 Fig. 299 85 Output Voltage - Load Resistance (VCC/VEE=+2.5[V]/-2.5[V]) Maximum Output Voltage - Supply Voltage (RL=10[kΩ]) Maximum Output Voltage - Ambient Temperature (VCC/VEE=+7.5[V]/-7.5[V], RL=10[kΩ]) |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |