전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR2908TRLPBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRLR2908TRLPBF
상세설명  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR2908TRLPBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRLR2908TRLPBF Datasheet HTML 3Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 4Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 5Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 6Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 7Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 8Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 9Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 10Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U2908PbF
10
www.irf.com
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
78
LINE A
LOGO
INTERNATIONAL
RECTIFIER
OR
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASS EMBLY SITE CODE
IRFU120
PART NUMBER
WEEK 19
DATE CODE
YEAR 1 = 2001
RECTIFIER
INTERNATIONAL
LOGO
ASSEMBLY
LOT CODE
IRFU120
56
DATE CODE
PART NUMBER
LOT CODE
ASS EMBLY
56
78
YEAR 1 = 2001
WEEK 19
119A
indicates Lead-Free"
ASS EMBLED ON WW19, 2001
IN THE AS SEMBLY LINE "A"
Note: "P" in assembly line position
EXAMPLE:
WITH AS SEMBLY
THIS IS AN IRFU120
LOT CODE 5678
Notes:
1. For an Automotive Qualified version of this part please see
http://www.irf.com/product-info/auto/
2. For the most current drawing please refer to IR website at http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10 11