전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7570TR 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 ST7570TR
상세설명  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570TR 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button ST7570TR Datasheet HTML 17Page - STMicroelectronics ST7570TR Datasheet HTML 18Page - STMicroelectronics ST7570TR Datasheet HTML 19Page - STMicroelectronics ST7570TR Datasheet HTML 20Page - STMicroelectronics ST7570TR Datasheet HTML 21Page - STMicroelectronics ST7570TR Datasheet HTML 22Page - STMicroelectronics ST7570TR Datasheet HTML 23Page - STMicroelectronics ST7570TR Datasheet HTML 24Page - STMicroelectronics ST7570TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ST7570
Physical layer
Doc ID 17526 Rev 2
21/26
9.2
Bit timing
The data communication is synchronized to the mains zero-crossing through an internal
PLL. The bit time is dynamically adapted in order to have always 24 or 48 bits in each mains
cycle, according to the desired configuration (Figure 13). The resulting bit-rate is thus
dependent on the instantaneous mains frequency. With a nominal frequency of 50 Hz, the
resulting bit-rate is 1200 bps in the case of 24 bit/mains cycle, while 2400 bps in the case of
48 bit/mains cycle.
Figure 13.
Bit timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26