| 전자부품 데이터시트 검색엔진 |
|
ICS85320AMILF 데이터시트(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS85320AMILF 데이터시트(HTML) 2 Page - Integrated Device Technology |
|
2 / 16 page ![]() IDT™ / ICS™ 3.3V, 2.5V LVPECL TRANSLATOR 2 ICS8532AMI REV A NOVEMBER 13, 2006 ICS85320I LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR TABLE 1. PIN DESCRIPTIONS TABLE 2. PIN CHARACTERISTICS r e b m u Ne m a Ne p y Tn o i t p i r c s e D 6 , 4 , 1c nd e s u n U. t c e n n o c o N 3 , 2Q n , Qt u p t u O. s l e v e l e c a f r e t n i L C E P V L . r i a p t u p t u o l a i t n e r e f f i D 5V E E r e w o P. n i p y l p p u s e v i t a g e N 7K L Ct u p n Ip u ll u P. t u p n i k c o l c L T T V L / S O M C V L 8V C C r e w o P. n i p y l p p u s e v i t i s o P : E T O N p u ll u P . s e u l a v l a c i p y t r o f , s c i t s i r e t c a r a h C n i P , 2 e l b a T e e S . s r o t s i s e r t u p n i l a n r e t n i o t s r e f e r l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U C N I e c n a t i c a p a C t u p n I 4F p R P U L L U P r o t s i s e R p u ll u P t u p n I 1 5k Ω |