전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST1010-7FP 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 ACST1010-7FP
상세설명  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1010-7FP 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button ACST1010-7FP Datasheet HTML 3Page - STMicroelectronics ACST1010-7FP Datasheet HTML 4Page - STMicroelectronics ACST1010-7FP Datasheet HTML 5Page - STMicroelectronics ACST1010-7FP Datasheet HTML 6Page - STMicroelectronics ACST1010-7FP Datasheet HTML 7Page - STMicroelectronics ACST1010-7FP Datasheet HTML 8Page - STMicroelectronics ACST1010-7FP Datasheet HTML 9Page - STMicroelectronics ACST1010-7FP Datasheet HTML 10Page - STMicroelectronics ACST1010-7FP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACST10
Application information
Doc ID 15237 Rev 3
7/13
Figure 16.
Universal drum motor control – typical diagram
2.2
AC line transient voltage ruggedness
In comparison with standard Triacs, which are not robust against surge voltage, the ACST10
is self-protected against over-voltage, specified by the new parameter VCL. The ACST10
switch can safely withstand AC line transient voltages either by clamping the low energy
spikes, such as inductive spikes at switch off, or by switching to the on state (for less than 10
ms) to dissipate higher energy shocks through the load. This safety feature works even with
high turn-on current ramp up.
The test circuit of Figure 17 represents the ACST10 application, and is used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. With the additional effect
of the load which is limiting the current, the ACST switch withstands the voltage spikes up to
2 kV on top of the peak line voltage. The protection is based on an overvoltage crowbar
technology. The ACST10 folds back safely to the on state as shown in Figure 18. The
ACST10 recovers its blocking voltage capability after the surge and the next zero current
crossing. Such a non repetitive test can be done at least 10 times on each AC line voltage
polarity.
Universal motor
Motor direction
setting
Speed motor
regulation
Rg
AC Mains
Stator
MCU
Vcc
12V
ACST
Rotor
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com