전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST1035-7FP 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 ACST1035-7FP
상세설명  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-7FP 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button ACST1035-7FP Datasheet HTML 2Page - STMicroelectronics ACST1035-7FP Datasheet HTML 3Page - STMicroelectronics ACST1035-7FP Datasheet HTML 4Page - STMicroelectronics ACST1035-7FP Datasheet HTML 5Page - STMicroelectronics ACST1035-7FP Datasheet HTML 6Page - STMicroelectronics ACST1035-7FP Datasheet HTML 7Page - STMicroelectronics ACST1035-7FP Datasheet HTML 8Page - STMicroelectronics ACST1035-7FP Datasheet HTML 9Page - STMicroelectronics ACST1035-7FP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application information
ACST10
6/13
Doc ID 15237 Rev 3
2
Application information
2.1
Typical application description
The ACST10 device has been designed to control medium power load, such as AC motors
in home appliances. Thanks to its thermal and turn off commutation performances, the
ACST10 switch is able to drive an inductive load up to 10 A with no turn off additional
snubber. It also provides high thermal performances in static and transient modes such as
the compressor inrush current or high torque operating conditions of an AC motor. Thanks
to its low gate triggering current level, the ACST1010-7 can be driven directly by an MCU
through a simple gate resistor as shown Figure 15.
Figure 15.
Compressor control – typical diagram
Compressor
Electronic
starter
Electronic
thermostat
ACST
Rg
ACST
Power supply
AC Mains
Gate
Driver
logical circuitry
1
PTC
Compressor with integrated e-starter
Compressor
Start
switch
Run
switch
PTC
Rg
ACST
Power supply
Gate
Driver
ACST
Rg
AC Mains
Compressor with external electronic drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com