전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2992IM5-2.5 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LP2992IM5-2.5
상세설명  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992IM5-2.5 데이터시트(HTML) 2 Page - Texas Instruments

  LP2992IM5-2.5 Datasheet HTML 1Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 2Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 3Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 4Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 5Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 6Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 7Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 8Page - Texas Instruments LP2992IM5-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LP2992
SNVS171G – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
Basic Application Circuit
*ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used.
**Minimum capacitance is shown to ensure stability (may be increased without limit). Ceramic capacitor required for
output (see Application Hints).
***Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low
leakage current (see Application Hints).
Connection Diagram
Figure 1. Top View
5-Lead SOT-23 (DBV)
See Package Number DBV0005A
Figure 2. Top View
6-Lead WSON Package (NGD)
See Package Number NGD0006A
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28