전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2992IM5X-2.5 데이터시트(PDF) 20 Page - Texas Instruments

부품명 LP2992IM5X-2.5
상세설명  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992IM5X-2.5 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LP2992IM5X-2.5 Datasheet HTML 16Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 17Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 18Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 19Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 20Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 21Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 22Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 23Page - Texas Instruments LP2992IM5X-2.5 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2992AILD-1.5
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-1.5/NOPB
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-1.8
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-1.8/NOPB
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-3.3
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-3.3/NOPB
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-5.0
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-5.0/NOPB
WSON
NGD
6
1000
178.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-1.8
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-1.8/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-3.3
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-3.3/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-5.0
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-5.0/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AIM5-1.5
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-1.5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-1.8
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-1.8/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28