전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F030F4 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STM32F030F4
상세설명  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030F4 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STM32F030F4 Datasheet HTML 29Page - STMicroelectronics STM32F030F4 Datasheet HTML 30Page - STMicroelectronics STM32F030F4 Datasheet HTML 31Page - STMicroelectronics STM32F030F4 Datasheet HTML 32Page - STMicroelectronics STM32F030F4 Datasheet HTML 33Page - STMicroelectronics STM32F030F4 Datasheet HTML 34Page - STMicroelectronics STM32F030F4 Datasheet HTML 35Page - STMicroelectronics STM32F030F4 Datasheet HTML 36Page - STMicroelectronics STM32F030F4 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
DocID024849 Rev 1
33/88
STM32F030x4 STM32F030x6 STM32F030x8
Memory mapping
35
5
Memory mapping
Figure 7. STM32F030x memory map
Reserved
AHB2
0
1
2
3
4
5
6
7
0xFFFF FFFF
Peripherals
SRAM
Flash memory
reserved
reserved
System memory
Option Bytes
Cortex- M Internal
Peripherals
0xE010 0000
MS19840V1
0x0000 0000
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0x0801 0000
0x1FFF EC00
0x1FFF F800
0x1FFF FC00
0x1FFF FFFF
0x0001 0000
reserved
CODE
reserved
0x4000 0000
0x4000 8000
0x4001 0000
0x4001 8000
reserved
0x4002 0000
0x4800 0000
reserved
0x4800 17FF
0x4002 43FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88