전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HIP4086ABZ 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 HIP4086ABZ
상세설명  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086ABZ 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button HIP4086ABZ Datasheet HTML 4Page - Intersil Corporation HIP4086ABZ Datasheet HTML 5Page - Intersil Corporation HIP4086ABZ Datasheet HTML 6Page - Intersil Corporation HIP4086ABZ Datasheet HTML 7Page - Intersil Corporation HIP4086ABZ Datasheet HTML 8Page - Intersil Corporation HIP4086ABZ Datasheet HTML 9Page - Intersil Corporation HIP4086ABZ Datasheet HTML 10Page - Intersil Corporation HIP4086ABZ Datasheet HTML 11Page - Intersil Corporation HIP4086ABZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HIP4086, HIP4086A
8
FN4220.9
February 1, 2013
Typical Performance Curves
FIGURE 6. VDD SUPPLY CURRENT vs VDD SUPPLY VOLTAGE
FIGURE 7. VDD SUPPLY CURRENT vs SWITCHING FREQUENCY
FIGURE 8. FLOATING IXHB BIAS CURRENT
FIGURE 9. OFF-STATE IXHB BIAS CURRENT
FIGURE 10. CHARGE PUMP OUTPUT CURRENT (HIP4086 only)
FIGURE 11. CHARGE PUMP OUTPUT VOLTAGE(HIP4086 only)(
-60
-40
-20
0
20
40
60
80
100
120
140
160
2
3
4
5
6
JUNCTION TEMPERATURE (°C)
VDD = 7V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 15V
VDD = 16V
ALL GATE CONTROL INPUTS = 5V
-60
-40
-20
0
20
40
60
80
100
120
140 160
10
15
20
25
30
JUNCTION TEMPERATURE (°C)
200kHz
CGATE = 1000pF
20kHz
50kHz
100kHz
10kHz
0
20
40
60
80
100
120
140
160
180
200
0
1000
2000
3000
4000
SWITCHING FREQUENCY (kHz)
CGATE = NO LOAD
CGATE = 1000pF
TJ = +25°C
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDD = 10V
VDD = 12V
VDD = 15V
VDD = 7V
VDD = 8V
-60
-40
-20
0
20
40
60
80
100 120 140 160
200
150
100
50
0
JUNCTION TEMPERATURE (°C)
VxHB - VxHS = 10V
-60
-40
-20
0
20
40
60
80
100 120 140 160
6
7
8
9
10
11
12
13
14
JUNCTION TEMPERATURE (°C)
VDD = 7V
VDD = 12V
VDD = 10V
VDD = 8V
VDD = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com