| 전자부품 데이터시트 검색엔진 |
|
RAVF102D 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RAVF102D 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 3 page ![]() Rev Date: 07/03/2012 3 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. RAVF Series Convex Termination Chip Resistor Array Stackpole Electronics, Inc. Resistive Product Solutions Power Derating Curve: 0 100 -55ºC 70ºC 80 60 40 20 40 60 80 100 -40 -20 0 20 125ºC Ambient Temperature (ºC) 120 140 160 180 155ºC -60 RAVF102D, RAVF104D, RAVF162D, RAVF164D, RAVF168D RAVF052D, RAVF324D, RAVF328N, RAVF328R How to Order 1234 5678 9 10 11 12 13 14 RAV F 1 6 4 D J T 1 0 K 0 Size 052D Code Tol Value Code Quantity 102D F 1% 10,000 104D G 2% 162D J 5% 164D Z jumper 4,000 168D 324D 328N 328R D = N = R = Convex RoHS RAVF Tolerance(1) E24 0.063W Product Series Power Resistance Value Packaging 5,000 0.031W Description Size 0.063W 0.063W 10.2 Kohm = 10K2 Tape and Reel T 052D, 102D, 104D 162D, 164D, 168D 10 ohm = 10R0 Four characters with the multiplier used as the decimal holder. 328N, 328R 1 Mohm = 1M00 Zero ohm jumper = 0R00 Isolated Bussed Bussed 0.063W 0.063W 0.125W 0.063W 0.063W Note (1): 1% tolerance is available in E24 values only. E96 values are generally not available. Contact factory for details. 324D Legacy Part Number (before January 3, 2011): Number of Nominal Code Elements Circuit Type Resistance 16 4 D 10K Type Description Code Elements Circuit Type Tolerance Values SEI Types Pkg Qty Description Code RAVF Convex 05 2 D = Isolated 1% E24 052D, 102D, 104D 10,000 10 4 N = Bussed 2% E24 162D, 164D, 168D, 16 8 R = Bussed 5% E24 328N, 328R 32 324D 4,000 5,000 tape and reel R 5% Tolerance Packaging RAVF R SEI Type |