전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPV1001D40 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 SPV1001D40
상세설명  Cool bypass switch for photovoltaic applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1001D40 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button SPV1001D40 Datasheet HTML 4Page - STMicroelectronics SPV1001D40 Datasheet HTML 5Page - STMicroelectronics SPV1001D40 Datasheet HTML 6Page - STMicroelectronics SPV1001D40 Datasheet HTML 7Page - STMicroelectronics SPV1001D40 Datasheet HTML 8Page - STMicroelectronics SPV1001D40 Datasheet HTML 9Page - STMicroelectronics SPV1001D40 Datasheet HTML 10Page - STMicroelectronics SPV1001D40 Datasheet HTML 11Page - STMicroelectronics SPV1001D40 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPV1001
Package mechanical data
Doc ID 18076 Rev 3
9/12
Table 6.
D²PAK (TO-263) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
A1
0.03
0.23
b
0.70
0.93
b2
1.14
1.70
c
0.45
0.60
c2
1.23
1.36
D
8.95
9.35
D1
7.50
E10
10.40
E1
8.50
e2.54
e1
4.88
5.28
H15
15.85
J1
2.49
2.69
L
2.29
2.79
L1
1.27
1.40
L2
1.30
1.75
R0.4
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12