전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S003K3P6CTR 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 STM8S003K3P6CTR
상세설명  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3P6CTR 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button STM8S003K3P6CTR Datasheet HTML 28Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 29Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 30Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 31Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 32Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 33Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 34Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 35Page - STMicroelectronics STM8S003K3P6CTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
TIM1 slave mode control register
TIM1_SMCR
0x00 5252
0x00
TIM1 external trigger register
TIM1_ETR
0x00 5253
0x00
TIM1 interrupt enable register
TIM1_IER
0x00 5254
0x00
TIM1 status register 1
TIM1_SR1
0x00 5255
0x00
TIM1 status register 2
TIM1_SR2
0x00 5256
0x00
TIM1 event generation register
TIM1_EGR
0x00 5257
0x00
TIM1 capture/compare mode register 1
TIM1_CCMR1
0x00 5258
0x00
TIM1 capture/compare mode register 2
TIM1_CCMR2
0x00 5259
0x00
TIM1 capture/compare mode register 3
TIM1_CCMR3
0x00 525A
0x00
TIM1 capture/compare mode register 4
TIM1_CCMR4
0x00 525B
0x00
TIM1 capture/compare enable register 1
TIM1_CCER1
0x00 525C
0x00
TIM1 capture/compare enable register 2
TIM1_CCER2
0x00 525D
0x00
TIM1 counter high
TIM1_CNTRH
0x00 525E
0x00
TIM1 counter low
TIM1_CNTRL
0x00 525F
0x00
TIM1 prescaler register high
TIM1_PSCRH
0x00 5260
0x00
TIM1 prescaler register low
TIM1_PSCRL
0x00 5261
0xFF
TIM1 auto-reload register high
TIM1_ARRH
0x00 5262
0xFF
TIM1 auto-reload register low
TIM1_ARRL
0x00 5263
0x00
TIM1 repetition counter register
TIM1_RCR
0x00 5264
DocID018576 Rev 3
32/100
STM8S003K3 STM8S003F3
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com