전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7404DTR 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 TDA7404DTR
상세설명  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404DTR 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button TDA7404DTR Datasheet HTML 22Page - STMicroelectronics TDA7404DTR Datasheet HTML 23Page - STMicroelectronics TDA7404DTR Datasheet HTML 24Page - STMicroelectronics TDA7404DTR Datasheet HTML 25Page - STMicroelectronics TDA7404DTR Datasheet HTML 26Page - STMicroelectronics TDA7404DTR Datasheet HTML 27Page - STMicroelectronics TDA7404DTR Datasheet HTML 28Page - STMicroelectronics TDA7404DTR Datasheet HTML 29Page - STMicroelectronics TDA7404DTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
I2C bus interface
TDA7404
26/35
Table 11.
Treble programming
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Treble Steps
15 dB
14 dB
13 dB
12 dB
11 dB
10 dB
9 dB
8 dB
7 dB
6 dB
5 dB
4 dB
3 dB
2 dB
1 dB
0 dB
0
1
Mode
Cut
Boost
X
X
X
X
0
0
1
1
0
1
0
1
Treble Center Frequency
10 kHz
12.5 kHz
15 kHz
17.5 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com