전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7498LTR 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 TDA7498LTR
상세설명  80 watt 80 watt dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498LTR 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button TDA7498LTR Datasheet HTML 19Page - STMicroelectronics TDA7498LTR Datasheet HTML 20Page - STMicroelectronics TDA7498LTR Datasheet HTML 21Page - STMicroelectronics TDA7498LTR Datasheet HTML 22Page - STMicroelectronics TDA7498LTR Datasheet HTML 23Page - STMicroelectronics TDA7498LTR Datasheet HTML 24Page - STMicroelectronics TDA7498LTR Datasheet HTML 25Page - STMicroelectronics TDA7498LTR Datasheet HTML 26Page - STMicroelectronics TDA7498LTR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
TDA7498L
Applications information
Doc ID 16504 Rev 3
23/27
5.7
Protection functions
The TDA7498L is fully protected against overvoltages, undervoltages, overcurrents and
thermal overloads as explained here.
Overvoltage protection (OVP)
If the supply voltage exceeds the value for VOVP given in Table 6: Electrical specifications on
page 9 the overvoltage protection is activated which forces the outputs to the
high-impedance state. When the supply voltage falls back to within the operating range, the
device restarts.
Undervoltage protection (UVP)
If the supply voltage drops below the value for VUVP given in Table 6: Electrical
specifications on page 9 the undervoltage protection is activated which forces the outputs to
the high-impedance state. When the supply voltage recovers to within the operating range,
the device restarts.
Overcurrent protection (OCP)
If the output current exceeds the value for IOCP given in Table 6: Electrical specifications on
page 9 the overcurrent protection is activated which forces the outputs to the
high-impedance state. Periodically, the device attempts to restart. If the overcurrent
condition is still present then the OCP remains active. The restart time, TOC, is determined
by the R-C components connected to pin STBY.
Thermal protection (OTP)
If the junction temperature, Tj, reaches 145 °C (nominally), the device goes to mute mode
and the positive and negative PWM outputs are forced to 50% duty cycle. If the junction
temperature reaches the value for Tj given in Table 6: Electrical specifications on page 9 the
device shuts down and the output is forced to the high-impedance state. When the device
cools sufficiently, the device restarts.
5.8
Diagnostic output
The output pin DIAG is an open-drain transistor. When any protection is activated it switches
to the high-impedance state. The pin can be connected to a power supply (< 36 V) by a pull-
up resistor whose value is limited by the maximum sinking current (200 µA) of the pin.
Figure 27.
Behavior of pin DIAG for various protection conditions
TDA7498L
Protection logic
R1
DIAG
VDD
VDD
Overcurrent
protection
Restart
Restart
OV, UV, OT
protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27