| 전자부품 데이터시트 검색엔진 |
|
MPC8315VRAGDA 데이터시트(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8315VRAGDA 데이터시트(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 106 page ![]() MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 82 Freescale Semiconductor Package and Pin Listings JTAG TCK E5 I NVDD1_ON — TDI B4 I NVDD1_ON 4 TDO C4 O NVDD1_ON 3 TMS C3 I NVDD1_ON 4 TRST C2 I NVDD1_ON 4 TDM GPIO_18/TDM_RCK AB1 I/O NVDD1_OFF — GPIO_20/TDM_RD AC1 I/O NVDD1_OFF — GPIO_19/TDM_RFS AB3 I/O NVDD1_OFF — GPIO_21/TDM_TCK AB5 I/O NVDD1_OFF — GPIO_23/TDM_TD AC3 I/O NVDD1_OFF — GPIO_22/TDM_TFS AC2 I/O NVDD1_OFF — SATA PINRXMINUSA N28 I VDD1IO — PINRXMINUSB U28 I VDD1IO — PINRXPLUSA M28 I VDD1IO — PINRXPLUSB T28 I VDD1IO — PINTXMINUSA M25 O VDD1IO — PINTXMINUSB P26 O VDD1IO — PINTXPLUSA N25 O VDD1IO — PINTXPLUSB R26 O VDD1IO — SATA_ANAVIZ U26 O — — SATA_CLK_IN V27 I NVDD3_OFF — SATA_VDD N27 I — — SATA_VDD U23 I — — SATA_VSS M27 I — — SATA_VSS V28 I — — VSSRESREF T26 I — — RESREF T25 I — 10 VDD33ANA U27 I — — VDD33PLL T27 I — — TEST TEST_MODE D6 I NVDD1_ON 6 DEBUG Table 70. MPC8315E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Note |