전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PVZ3G103C01R02 데이터시트(PDF) 10 Page - Murata Manufacturing Co., Ltd.

부품명 PVZ3G103C01R02
상세설명  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R02 데이터시트(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G103C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
10/12
UNCONTROLLED
COPY
REFERENCE ONLY
10. Taping Specifications
10.1 Plastic tape dimensions
10.2 Reel dimensions
(Note)
(1) Please choose the part package direction from R00 or R02.
(2) Marking on the reel: 1. Customer part number
2. Murata part number
3. Murata inspection number
4. Quantity
13.0±0.5 dia.
21.0±0.8
dia.
2.0±0.5
178±2 Dia.
9.0±1.0
13.0±1.0
(Unit: mm)
a
a'
dia.
4.0±0.1
4.0±0.1
2.0±0.1
1.5
+0.1
-0
0.2±0.1
1.3±0.1
3.3±0.2
unit:mm
Tape Feeding Direction
R02
R00
(Standard Type)
(Option Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12