전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD29150PTR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 LD29150PTR
상세설명  1.5 A, very low drop voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150PTR 데이터시트(HTML) 1 Page - STMicroelectronics

  LD29150PTR Datasheet HTML 1Page - STMicroelectronics LD29150PTR Datasheet HTML 2Page - STMicroelectronics LD29150PTR Datasheet HTML 3Page - STMicroelectronics LD29150PTR Datasheet HTML 4Page - STMicroelectronics LD29150PTR Datasheet HTML 5Page - STMicroelectronics LD29150PTR Datasheet HTML 6Page - STMicroelectronics LD29150PTR Datasheet HTML 7Page - STMicroelectronics LD29150PTR Datasheet HTML 8Page - STMicroelectronics LD29150PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
September 2012
Doc ID 9614 Rev 18
1/22
22
LD29150xx
1.5 A, very low drop voltage regulators
Datasheet
− production data
Features
■ Very low dropout voltage (typ. 0.4 at 1.5 A)
■ Guaranteed output current up to 1.5 A
■ Fixed and adjustable output voltage (± 1% at
25 °C)
■ Internal current and thermal limit
■ Logic controlled electronic shutdown available
in PPAK and P²PAK
Description
The LD29150xx is a high current, high accuracy,
low-dropout voltage regulator series. These
regulators feature 400 mV dropout voltage and
very low ground current. Designed for high
current loads, these devices are also used in
lower current, extremely low dropout-critical
systems, where their tiny dropout voltage and
ground current values are important attributes.
Typical applications are in power supply switching
post regulation, series power supply for monitors,
series power supply for VCRs and TVs, computer
systems and battery powered systems.
DPAK
PPAK
P²PAK
Table 1.
Device summary
Part numbers
Order codes
Output voltages
DPAK
PPAK
P²PAK
LD29150XX18
LD29150DT18R
1.8 V
LD29150XX25
LD29150DT25R
2.5 V
LD29150XX33
LD29150DT33R
LD29150P2T33R
3.3 V
LD29150XX50
LD29150DT50R
LD29150PT50R
5.0 V
LD29150XX
LD29150PTR
ADJ
www.st.com


유사한 부품 번호 - LD29150PTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results

유사한 설명 - LD29150PTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
3 A, very low drop voltage regulators
11-Jul-2008
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com