전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLA2ABB121SN4 데이터시트(PDF) 80 Page - Murata Manufacturing Co., Ltd.

부품명 BLA2ABB121SN4
상세설명  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 데이터시트(HTML) 80 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
91
BLp
BLM02
BLM03
BLM15
BLM18
BLM21
• Except BLM03PG/15AX·PD·PG/18PG·KG·SG/21PG.
And BLM02/03/15/18G is specially adapted for reflow
soldering.
Reflow
Reflow
Reflow
Flow
(except 18G)
Reflow
Flow/
Reflow
Type
0.16-0.2
0.2-0.3
0.4
0.7
1.2
a
0.4-0.56
0.6-0.9
1.2-1.4
2.2-2.6
1.8-2.0
3.0-4.0
b
Soldering
0.2-0.23
0.3
0.5
0.7
1.0
c
oReflow and Flow
BLMppAX/P/K/S
BLM Series
BLM02
BLM03
BLM15
BLM18
BLM21
BLM31
BLM41
a
b
a
b
(Except BLM
15_AN1 series)
Land Pattern
Land Pattern
+ Solder Resist
Solder Resist
(in mm)
1. Standard Land Pattern Dimensions
Soldering and Mounting
Chip Ferrite Bead
BLA2A
BLA31
oReflow Soldering
oReflow and Flow
BLA2A
BLA31
• If there are high amounts of self-heating on pattern, the
contact points of PCB and part may become damaged.
0.4
0.8 Pitch
2.8
0.25
0.5 Pitch
1.75
BLM03AX
BLM03PG
BLM15AX
BLM15Pp
BLM18PG
BLM18KG
BLM18SG
BLM21PG
BLM31PG
BLM41PG
1max.
1.5max.
2.2max.
0.5-1.5
1.7-2.5
3-4
6
1.5
2
3
6
1.5/2
3
6
1.5/2
3
6
0.3
0.5
0.7
1.0
1.2
0.2-0.3
0.4
0.7
1.2
2.0
3.0
3.0-4.0
4.2-5.2
5.5-6.5
0.3
0.5
1.2
0.7
1.2
2.4
6.4
1.0
1.2
2.4
6.4
1.2
2.4
6.4
1.2
2.4
6.4
0.3
0.5
0.7
0.7
0.7
1.2
3.3
1.0
1.0
1.2
3.3
1.2
1.2
3.3
1.2
1.2
3.3
0.3
0.5
0.5
0.7
0.7
0.7
1.65
1.0
1.0
1.0
1.65
1.2
1.2
1.65
1.2
1.2
1.65
18
µm35µm70µm
0.6-0.9
1.2-1.4
Type
Land Pad Thickness
and Dimension d
Rated
Current
(A)
ab
c
Soldering
• Do not apply narrower pattern than listed above to
BLMppAX/P/K/S.
Narrow pattern can cause excessive heat or open circuit.
Reflow
Reflow
Flow
2.2-2.6
Reflow
1.8-2.0
Flow/
Reflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88