전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLD-AP147 데이터시트(PDF) 2 Page - Cree, Inc

부품명 CLD-AP147
상세설명  Cree짰 XLamp짰 XH Family LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP147 데이터시트(HTML) 2 Page - Cree, Inc

  CLD-AP147 Datasheet HTML 1Page - Cree, Inc CLD-AP147 Datasheet HTML 2Page - Cree, Inc CLD-AP147 Datasheet HTML 3Page - Cree, Inc CLD-AP147 Datasheet HTML 4Page - Cree, Inc CLD-AP147 Datasheet HTML 5Page - Cree, Inc CLD-AP147 Datasheet HTML 6Page - Cree, Inc CLD-AP147 Datasheet HTML 7Page - Cree, Inc CLD-AP147 Datasheet HTML 8Page - Cree, Inc CLD-AP147 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
xlamp xH led binning & labeling
bin anD orDer-CoDe FormaT
Bin codes and order codes for XH White are configured in the following manner:
PerFormanCe grouPs – Luminous FLuX (T
J = 25 °C)
XLamp XH Family White LEDs are tested for luminous flux and placed into one of the following luminous-flux groups.
These group codes, with a 0 appended, are used in the Bin Code “Luminous flux group.”
group Code
min. Luminous Flux
(lm)
max. Luminous Flux
(lm)
H0
18.1
23.5
J2
23.5
26.8
J3
26.8
30.6
K2
30.6
35.2
K3
35.2
39.8
bin Code
order Code
SSSCCC-BD-HHHH-NNNNVRFGG
Series
XHB = XH-B
XHG = XH-G
Configuration
B: Internal code
D: Reel size
0: 1,000 pcs
2: 250 pcs
Flux
Internal code
Chromaticity kit
Color
AWT = White
Color specification
0: No Minimum CRI
B: 70 Minimum CRI
L: Standard CRI
H: 80 CRI Minimum
P: 85 CRI Minimum
U: 90 CRI Minimum
Vf bin
0: Default
SSSCCC-B-WWW-FFF-VR-AAAA
Series
XHB = XH-B
XHG = XH-G
Internal code
Chromaticity bin
Luminous flux group
Internal code
Color
AWT = White
Color specification
0: No Minimum CRI
B: 70 Minimum CRI
L: Standard CRI
H: 80 CRI Minimum
P: 85 CRI Minimum
U: 90 CRI Minimum
Vf bin
0: Default
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at
www.cree.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12