전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN75ALS173N 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 SN75ALS173N
상세설명  Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS173N 데이터시트(HTML) 2 Page - Texas Instruments

  SN75ALS173N Datasheet HTML 1Page - Texas Instruments SN75ALS173N Datasheet HTML 2Page - Texas Instruments SN75ALS173N Datasheet HTML 3Page - Texas Instruments SN75ALS173N Datasheet HTML 4Page - Texas Instruments SN75ALS173N Datasheet HTML 5Page - Texas Instruments SN75ALS173N Datasheet HTML 6Page - Texas Instruments SN75ALS173N Datasheet HTML 7Page - Texas Instruments SN75ALS173N Datasheet HTML 8Page - Texas Instruments SN75ALS173N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN75ALS173
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS132C – SEPTEMBER 1991 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
4B
4A
3B
3A
2B
2A
1B
1A
G
G
4Y
3Y
2Y
1Y
13
11
5
3
15
14
9
10
7
6
1
2
12
4
EN
≥ 1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram (positive logic)
4Y
3Y
2Y
1Y
13
11
5
3
15
14
9
10
7
6
1
2
12
4
4B
4A
3B
3A
2B
2A
1B
1A
G
G
schematics of inputs and outputs
TYPICAL OF ALL OUTPUTS
EQUIVALENT OF G OR G ENABLE INPUT
EQUIVALENT OF EACH A OR B INPUT
70
Ω
GND
Output
VCC
GND
Input
VCC
VCC
288 k
Ω
NOM
GND
Input
VCC (A)
or
GND (B)
17 k
Ω
NOM
17 k
Ω
NOM
17 k
Ω
NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com