| 전자부품 데이터시트 검색엔진 |
|
EXEPBLCKA 데이터시트(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EXEPBLCKA 데이터시트(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
|
7 / 39 page ![]() G-06-G Note: Design Kit Contents are subject to change without notice. 7 DESIGN ENGINEERING KITS GENERAL CERAMIC CHIP CAPACITORS 0402 (50 VDC) 0402 (50 VDC) Tight Tolerance I Better Q and low ESR at VHF, UHF and microwave frequencies. I 0201 and 0402 sizes with Copper inner electrode. I Low power consumption, yield ratio improvement due to the better Q or lower ESR. I GJM series is suited to VCO or PA module applications. I GJM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant. No. Description Murata Global P/N Qty. 1 0402/C0G/0.10pF/50V GJM1555C1HR10BB01 20 2 0402/C0G/0.20pF/50V GJM1555C1HR20BB01 20 3 0402/C0G/0.30pF/50V GJM1555C1HR30BB01 20 4 0402/C0G/0.40pF/50V GJM1555C1HR40BB01 20 5 0402/C0G/0.50pF/50V GJM1555C1HR50BB01 20 6 0402/C0G/0.60pF/50V GJM1555C1HR60BB01 20 7 0402/C0G/0.70pF/50V GJM1555C1HR70BB01 20 8 0402/C0G/0.80pF/50V GJM1555C1HR80BB01 20 9 0402/C0G/0.90pF/50V GJM1555C1HR90BB01 20 10 0402/C0G/1.0pF/50V GJM1555C1H1R0CB01 20 11 0402/C0G/1.1pF/50V GJM1555C1H1R1CB01 20 12 0402/C0G/1.2pF/50V GJM1555C1H1R2CB01 20 13 0402/C0G/1.3pF/50V GJM1555C1H1R3CB01 20 14 0402/C0G/1.5pF/50V GJM1555C1H1R5CB01 20 15 0402/C0G/1.6pF/50V GJM1555C1H1R6CB01 20 16 0402/C0G/1.8pF/50V GJM1555C1H1R8CB01 20 17 0402/C0G/2.0pF/50V GJM1555C1H2R0CB01 20 18 0402/C0G/2.2pF/50V GJM1555C1H2R2CB01 20 19 0402/C0G/2.4pF/50V GJM1555C1H2R4CB01 20 20 0402/C0G/2.7pF/50V GJM1555C1H2R7CB01 20 21 0402/C0G/3.0pF/50V GJM1555C1H3R0CB01 20 22 0402/C0G/3.3pF/50V GJM1555C1H3R3CB01 20 23 0402/C0G/3.6pF/50V GJM1555C1H3R6CB01 20 24 0402/C0G/3.9pF/50V GJM1555C1H3R9CB01 20 25 0402/C0G/4.0pF/50V GJM1555C1H4R0CB01 20 26 0402/C0G/4.3pF/50V GJM1555C1H4R3CB01 20 27 0402/C0G/4.7pF/50V GJM1555C1H4R7CB01 20 28 0402/C0G/5.0pF/50V GJM1555C1H5R0CB01 20 29 0402/C0G/5.1pF/50V GJM1555C1H5R1DB01 20 30 0402/C0G/5.6pF/50V GJM1555C1H5R6DB01 20 31 0402/C0G/6.0pF/50V GJM1555C1H6R0DB01 20 32 0402/C0G/6.2pF/50V GJM1555C1H6R2DB01 20 33 0402/C0G/6.8pF/50V GJM1555C1H6R8DB01 20 34 0402/C0G/7.0pF/50V GJM1555C1H7R0DB01 20 35 0402/C0G/7.5pF/50V GJM1555C1H7R5DB01 20 36 0402/C0G/8.0pF/50V GJM1555C1H8R0DB01 20 37 0402/C0G/8.2pF/50V GJM1555C1H8R2DB01 20 38 0402/C0G/9.0pF/50V GJM1555C1H9R0DB01 20 39 0402/C0G/9.1pF/50V GJM1555C1H9R1DB01 20 40 0402/C0G/10pF/50V GJM1555C1H100JB01 20 41 0402/C0G/12pF/50V GJM1555C1H120JB01 20 42 0402/C0G/15pF/50V GJM1555C1H150JB01 20 43 0402/C0G/18pF/50V GJM1555C1H180JB01 20 44 0402/C0G/20pF/50V GJM1555C1H200JB01 20 GJM15-KIT– – – – – – – – E I Better Q and low ESR at VHF, UHF and microwave frequencies. I 0201 and 0402 sizes with Copper inner electrode. I Tight tolerance [W] = +/-0.05pF for 5pF & under [B] = +/-0.1pF for under 10pF [C] = +/-0.25pF for under 10pF [F] = +/-1% for 10pF & over [G] = +/-2% for 10pF & over I Low power consumption, yield ratio improvement due to the better Q or lower ESR. I GJM series is suited to VCO or PA module applications. I GJM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant. No. Description Murata Global P/N Qty. 1 0402/C0G/0.10pF/50V GJM1555C1HR10WB01 20 2 0402/C0G/0.20pF/50V GJM1555C1HR20WB01 20 3 0402/C0G/0.30pF/50V GJM1555C1HR30WB01 20 4 0402/C0G/0.40pF/50V GJM1555C1HR40WB01 20 5 0402/C0G/0.50pF/50V GJM1555C1HR50WB01 20 6 0402/C0G/0.60pF/50V GJM1555C1HR60WB01 20 7 0402/C0G/0.70pF/50V GJM1555C1HR70WB01 20 8 0402/C0G/0.80pF/50V GJM1555C1HR80WB01 20 9 0402/C0G/0.90pF/50V GJM1555C1HR90WB01 20 10 0402/C0G/1.0pF/50V GJM1555C1H1R0BB01 20 11 0402/C0G/1.1pF/50V GJM1555C1H1R1BB01 20 12 0402/C0G/1.2pF/50V GJM1555C1H1R2BB01 20 13 0402/C0G/1.3pF/50V GJM1555C1H1R3BB01 20 14 0402/C0G/1.5pF/50V GJM1555C1H1R5BB01 20 15 0402/C0G/1.6pF/50V GJM1555C1H1R6BB01 20 16 0402/C0G/1.8pF/50V GJM1555C1H1R8BB01 20 17 0402/C0G/2.0pF/50V GJM1555C1H2R0BB01 20 18 0402/C0G/2.2pF/50V GJM1555C1H2R2BB01 20 19 0402/C0G/2.4pF/50V GJM1555C1H2R4BB01 20 20 0402/C0G/2.7pF/50V GJM1555C1H2R7BB01 20 21 0402/C0G/3.0pF/50V GJM1555C1H3R0BB01 20 22 0402/C0G/3.3pF/50V GJM1555C1H3R3BB01 20 23 0402/C0G/3.6pF/50V GJM1555C1H3R6BB01 20 24 0402/C0G/3.9pF/50V GJM1555C1H3R9BB01 20 25 0402/C0G/4.0pF/50V GJM1555C1H4R0BB01 20 26 0402/C0G/4.3pF/50V GJM1555C1H4R3BB01 20 27 0402/C0G/4.7pF/50V GJM1555C1H4R7BB01 20 28 0402/C0G/5.0pF/50V GJM1555C1H5R0BB01 20 29 0402/C0G/5.1pF/50V GJM1555C1H5R1CB01 20 30 0402/C0G/5.6pF/50V GJM1555C1H5R6CB01 20 31 0402/C0G/6.0pF/50V GJM1555C1H6R0CB01 20 32 0402/C0G/6.2pF/50V GJM1555C1H6R2CB01 20 33 0402/C0G/6.8pF/50V GJM1555C1H6R8CB01 20 34 0402/C0G/7.0pF/50V GJM1555C1H7R0CB01 20 35 0402/C0G/7.5pF/50V GJM1555C1H7R5CB01 20 36 0402/C0G/8.0pF/50V GJM1555C1H8R0CB01 20 37 0402/C0G/8.2pF/50V GJM1555C1H8R2CB01 20 38 0402/C0G/9.0pF/50V GJM1555C1H9R0CB01 20 39 0402/C0G/9.1pF/50V GJM1555C1H9R1CB01 20 40 0402/C0G/10pF/50V GJM1555C1H100GB01 20 41 0402/C0G/12pF/50V GJM1555C1H120GB01 20 42 0402/C0G/15pF/50V GJM1555C1H150GB01 20 43 0402/C0G/18pF/50V GJM1555C1H180GB01 20 44 0402/C0G/20pF/50V GJM1555C1H200GB01 20 GJM15-KIT- T T O L – – – E NOTE: For Ceramic Chip Capacitors, dashes are part of the part number and must be included when placing an order. |