| 전자부품 데이터시트 검색엔진 |
|
MPC8315E 데이터시트(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8315E 데이터시트(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 106 page ![]() MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 87 Package and Pin Listings USB_DP A11 I/O USB_VDDA — USB_DM A12 I/O USB_VDDA — USB_VBUS C12 I — — USB_TPA A14 O — — USB_RBIAS D14 I — 8 USB_PLL_PWR3 A13 I — — USB_PLL_GND0 & USB_PLL_GND1 D13 I — — USB_PLL_PWR1 B13 I — — USB_VSSA_BIAS E14 I — — USB_VDDA_BIAS C14 I — — USB_VSSA E13 I — — USB_VDDA E12 I — — GPIO GPIO_0/DMA_DREQ1/GTM1_TOUT1 C5 I/O NVDD1_ON — GPIO_1/DMA_DACK1/GTM1_TIN2/GTM2_ TIN1 A4 I/O NVDD1_ON — GPIO_2/DMA_DONE1/GTM1_TGATE2/GT M2_TGATE1 K3 I/O NVDD4_OFF — GPIO_3/GTM1_TIN3/GTM2_TIN4 K1 I/O NVDD4_OFF — GPIO_4/GTM1_TGATE3/GTM2_TGATE4 K2 I/O NVDD4_OFF — GPIO_5/GTM1_TOUT3/GTM2_TOUT1 L5 I/O NVDD4_OFF — GPIO_6/GTM1_TIN4/GTM2_TIN3 L3 I/O NVDD4_OFF — GPIO_7/GTM1_TGATE4/GTM2_TGATE3 L1 I/O NVDD4_OFF — GPIO_8/USBDR_DRIVE_VBUS/GTM1_TI N1/GTM2_TIN2 M1 I/O NVDD4_OFF — GPIO_9/USBDR_PWRFAULT/GTM1_TGAT E1/GTM2_TGATE2 M2 I/O NVDD4_OFF — GPIO_10/USBDR_PCTL0/GTM1_TOUT2/ GTM2_TOUT1 M5 I/O NVDD4_OFF — GPIO_11/USBDR_PCTL1/GTM1_TOUT4/ GTM2_TOUT3 M4 I/O NVDD4_OFF — SPI SPIMOSI/GPIO_15 W3 I/O NVDD1_OFF — SPIMISO/GPIO_16 W4 I/O NVDD1_OFF — SPICLK Y1 I/O NVDD1_OFF — SPISEL/GPIO_17 W2 I/O NVDD1_OFF — Table 70. MPC8315E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Note |