| 전자부품 데이터시트 검색엔진 |
|
NIN-NDR10xTRF 데이터시트(PDF) 13 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NIN-NDR10xTRF 데이터시트(HTML) 13 Page - NIC-Components Corp. |
|
13 / 13 page ![]() 13 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® Specifications are subject to change Molded Chip Wirewound Inductors NIN Series CARRIER TAPE DIMENSIONS (mm) DIMENSIONS (mm) DIMENSIONS (mm) RECOMMENDED LAND PATTERNS FOR FLOW AND REFLOW SOLDERING Perforation1.5 φ±0.1 P t1 t2 A 4.0 ±0.1 A B C NIN Chip Land Pattern 21 ± 0.8 2.0 ± 0.5 2.0 ± 0.5 W Case Code Type Size W±0.3 A±0.2 B±0.2 P±0.1 E±0.1 F±0.1 t1 t2 D ND 0805 8.0 1.45 2.25 4.0 1.75 3.5 0.25 1.55 C FC/NC/PC 1008 8.0 2.4 2.9 4.0 1.75 3.5 0.25 1.85 A FA/NA/PA 1210 8.0 2.8 3.6 4.0 1.75 3.5 0.25 2.40 B FB/PB 1812 12.0 3.6 4.9 8.0 1.75 5.5 0.30 3.50 Case Code Type Size D φ±2.0 W±1.5 Qty/Reel D ND 0805 180 9.0 3000 pcs C FC/NC/PC 1008 180 9.0 2000 pcs A FA/NA/PA 1210 180 9.0 2000 pcs B FB/PB 1812 180 13.0 500 pcs Case Code Type Size A B C D ND 0805 1.0~1.2 3.0~3.8 0.9~1.3 C FC/NC/PC 1008 1.4~1.5 3.5~4.0 1.2~1.6 A FA/NA/PA 1210 1.6~2.0 4.0~4.6 1.9~2.4 B FB 1812 2.0~2.6 5.0~6.0 1.4~2.4 |