전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4060BEY 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 HCF4060BEY
상세설명  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060BEY 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button HCF4060BEY Datasheet HTML 4Page - STMicroelectronics HCF4060BEY Datasheet HTML 5Page - STMicroelectronics HCF4060BEY Datasheet HTML 6Page - STMicroelectronics HCF4060BEY Datasheet HTML 7Page - STMicroelectronics HCF4060BEY Datasheet HTML 8Page - STMicroelectronics HCF4060BEY Datasheet HTML 9Page - STMicroelectronics HCF4060BEY Datasheet HTML 10Page - STMicroelectronics HCF4060BEY Datasheet HTML 11Page - STMicroelectronics HCF4060BEY Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
HCF4060
8/15
DocID2055 Rev 6
Table 6. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test condition
Value(1)
Unit
VDD (V)
Min. Typ. Max.
tTLH, tTHL Output transition time
5
100
200
ns
10
50
100
15
40
80
tPLH, tPHL Propagation delay time (φ to Q4 out)
5
370
740
10
150
300
15
100
200
tPLH, tPHL Propagation delay time (Qn to Qn+1)
5
100
200
10
50
100
15
40
80
tW
Input pulse width
5
f = 100 KHz
50
100
10
20
40
15
15
30
tr, tf
Input pulse rise and fall time
5
Unlimited
μs
10
15
fmax
Maximum clock input frequency
53.5
7
MHz
10
8
16
15
12
24
Reset operation
tPHL
Propagation delay time
5
180
360
ns
10
80
160
15
50
100
tW
Input pulse width
560
120
10
30
60
15
20
40
RC operation
Variation of frequency
(unit-to-unit)
5
Cx = 200 pF, Rs = 560 KΩ,
Rx = 50 KΩ
18
21.5
25
KHz
10
20
23
26
15
21.1
24
27
Variation of frequency with voltage
change
(the same unit)
5 to 10
Cx= 200 pF, Rs = 560 KΩ,
Rx = 50 KΩ
2
10 to 15
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com